công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC08KL8GRS/D bảng dữ liệu(PDF) 101 Page - NXP Semiconductors

tên linh kiện HC08KL8GRS/D
Giải thích chi tiết về linh kiện  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D bảng dữ liệu(HTML) 101 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 97Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 98Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 99Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 100Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 101Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 102Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 103Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 104Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 256 page
background image
System Integration Module (SIM)
SIM Registers
MC68HC08KL8 — Rev. 2.0
General Release Specification
System Integration Module (SIM)
8.8.2 Reset Status Register
This register contains six flags that show the source of the last reset. All
flag bits are cleared automatically following a read of the register. The
register is initialized on power-up as shown with the POR bit set and all
other bits cleared. However, during a POR or any other internal reset,
the RST pin is pulled low. After the pin is released, it will be sampled 32
CGMXCLK cycles later. If the pin is not above a VIH at that time, then the
PIN bit in the RSR may be set in addition to whatever other bits are
set.
POR — Power-On Reset Bit
1 = A POR has occurred.
0 = Read of RSR
PIN — External Reset Bit
1 = An external reset has occurred since the last read of the
RSR.
0 = Read of RSR
COP — Computer Operating Properly Reset Bit
1 = A COP reset has occurred since the last read of the
RSR.
0 = POR or read of RSR
ILOP — Illegal Opcode Reset Bit
1 = An illegal opcode reset has occurred since the last read
of the RSR.
0 = POR or read of RSR
Address:
$FE01
Bit 7
654321
Bit 0
Read:
POR
PIN
COP
ILOP
ILAD
USB
0
0
Write:
POR:
10000000
= Unimplemented
Figure 8-20. Reset Status Register (RSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com