| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 339 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 339 Page - Nordic Semiconductor |
|
339 / 400 page ![]() Peripherals Subscribe configuration for task STARTRX Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task STARTRX will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 6.19.9.7 SUBSCRIBE_STOPRX Address offset: 0x084 Subscribe configuration for task STOPRX Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task STOPRX will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 6.19.9.8 SUBSCRIBE_STARTTX Address offset: 0x088 Subscribe configuration for task STARTTX Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task STARTTX will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 6.19.9.9 SUBSCRIBE_STOPTX Address offset: 0x08C Subscribe configuration for task STOPTX 4418_1315 v2.0 339 |