| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 73 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 73 Page - Nordic Semiconductor |
|
73 / 400 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that task LFCLKSTOP will subscribe to B RW EN Disabled 0 Disable subscription Enabled 1 Enable subscription 5.3.2.1.9 EVENTS_HFCLKSTARTED Address offset: 0x100 HFCLK oscillator started Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_HFCLKSTARTED HFCLK oscillator started NotGenerated 0 Event not generated Generated 1 Event generated 5.3.2.1.10 EVENTS_LFCLKSTARTED Address offset: 0x104 LFCLK started Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_LFCLKSTARTED LFCLK started NotGenerated 0 Event not generated Generated 1 Event generated 5.3.2.1.11 PUBLISH_HFCLKSTARTED Address offset: 0x180 Publish configuration for event HFCLKSTARTED Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event HFCLKSTARTED will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 5.3.2.1.12 PUBLISH_LFCLKSTARTED Address offset: 0x184 4418_1315 v2.0 73 |