công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF9160-SICA-R7 bảng dữ liệu(PDF) 68 Page - Nordic Semiconductor

tên linh kiện NRF9160-SICA-R7
Giải thích chi tiết về linh kiện  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 bảng dữ liệu(HTML) 68 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 65Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 66Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 67Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 68Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 69Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 70Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 71Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 72Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 400 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E D
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
D
RW
SLEEPENTER
Write '1' to enable interrupt for event SLEEPENTER
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
E
RW
SLEEPEXIT
Write '1' to enable interrupt for event SLEEPEXIT
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
5.3.1.1.13 INTENCLR
Address offset: 0x308
Disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E D
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
POFWARN
Write '1' to disable interrupt for event POFWARN
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
D
RW
SLEEPENTER
Write '1' to disable interrupt for event SLEEPENTER
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
E
RW
SLEEPEXIT
Write '1' to disable interrupt for event SLEEPEXIT
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
5.3.1.1.14 RESETREAS
Address offset: 0x400
Reset reason
Note: Unless cleared, the RESETREAS register will be cumulative. A field is cleared by writing '1' to
it. If none of the reset sources are flagged, this indicates that the chip was reset from the on-chip
reset generator, which will indicate a power-on reset or a brownout reset.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
G F E
D
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
RESETPIN
Reset from pin reset detected
4418_1315 v2.0
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More