| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 75 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 75 Page - Nordic Semiconductor |
|
75 / 400 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW HFCLKSTARTED Write '1' to disable interrupt for event HFCLKSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW LFCLKSTARTED Write '1' to disable interrupt for event LFCLKSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.3.2.1.16 INTPEND Address offset: 0x30C Pending interrupts Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A R HFCLKSTARTED Read pending status of interrupt for event HFCLKSTARTED NotPending 0 Read: Not pending Pending 1 Read: Pending B R LFCLKSTARTED Read pending status of interrupt for event LFCLKSTARTED NotPending 0 Read: Not pending Pending 1 Read: Pending 5.3.2.1.17 HFCLKRUN Address offset: 0x408 Status indicating that HFCLKSTART task has been triggered Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A R STATUS HFCLKSTART task triggered or not NotTriggered 0 Task not triggered Triggered 1 Task triggered 5.3.2.1.18 HFCLKSTAT Address offset: 0x40C The register shows if HFXO has been requested by triggering HFCLKSTART task and if it has been started (STATE) 4418_1315 v2.0 75 |