| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 338 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 338 Page - Nordic Semiconductor |
|
338 / 400 page ![]() Peripherals 6.19.9.2 TASKS_STOPRX Address offset: 0x004 Stop UART receiver Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_STOPRX Stop UART receiver Trigger 1 Trigger task 6.19.9.3 TASKS_STARTTX Address offset: 0x008 Start UART transmitter Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_STARTTX Start UART transmitter Trigger 1 Trigger task 6.19.9.4 TASKS_STOPTX Address offset: 0x00C Stop UART transmitter Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_STOPTX Stop UART transmitter Trigger 1 Trigger task 6.19.9.5 TASKS_FLUSHRX Address offset: 0x02C Flush RX FIFO into RX buffer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_FLUSHRX Flush RX FIFO into RX buffer Trigger 1 Trigger task 6.19.9.6 SUBSCRIBE_STARTRX Address offset: 0x080 4418_1315 v2.0 338 |