| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 261 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 261 Page - Nordic Semiconductor |
|
261 / 400 page ![]() Peripherals Region #0 Region #1 FLASHREGION[0].PERM Region #N-1 FLASHREGION[N].PERM Flash address space Access control 0 0 1 Access error Error reporting Address and control signals + Master identification Events Bus error FICR UICR Always secure FLASHREGION[n].PERM SPU registers Region #n Region size Entire flash System bus Data bus (read) Data bus (write) Figure 81: Definition of the N=32 regions, each of 32 KiB, in the flash memory space 6.15.2.1 Non-secure callable (NSC) region definition in flash The SPU provides support for the definition of non-secure callable (NSC) sub-regions to allow non-secure to secure function calls. A non-secure callable sub-region can only exist within an existing secure region and its definition is done using two registers: • FLASHNSC[n].REGION, used to select the secure region that will contain the NSC sub-region • FLASHNSC[n].SIZE, used to define the size of the NSC sub-region within the secure region The NSC sub-region will be defined from the highest address in that region, going downwards. Figure below illustrates the NSC sub-regions and the registers used for their definition: 4418_1315 v2.0 261 |