| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 196 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 196 Page - Nordic Semiconductor |
|
196 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.11.9.17 EVTEN Address offset: 0x340 Enable or disable event routing Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW TICK Enable or disable event routing for event TICK Disabled 0 Disable Enabled 1 Enable B RW OVRFLW Enable or disable event routing for event OVRFLW Disabled 0 Disable Enabled 1 Enable C-F RW COMPARE[i] (i=0..3) Enable or disable event routing for event COMPARE[i] Disabled 0 Disable Enabled 1 Enable 6.11.9.18 EVTENSET Address offset: 0x344 Enable event routing Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW TICK Write '1' to enable event routing for event TICK Disabled 0 Read: Disabled Enabled 1 Read: Enabled Set 1 Enable B RW OVRFLW Write '1' to enable event routing for event OVRFLW Disabled 0 Read: Disabled Enabled 1 Read: Enabled Set 1 Enable C-F RW COMPARE[i] (i=0..3) Write '1' to enable event routing for event COMPARE[i] Disabled 0 Read: Disabled Enabled 1 Read: Enabled Set 1 Enable 6.11.9.19 EVTENCLR Address offset: 0x348 Disable event routing 4418_1315 v2.0 196 |