| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF9160-SICA-R7 bảng dữ liệu(PDF) 194 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 bảng dữ liệu(HTML) 194 Page - Nordic Semiconductor |
|
194 / 400 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_OVRFLW Event on counter overflow NotGenerated 0 Event not generated Generated 1 Event generated 6.11.9.11 EVENTS_COMPARE[n] (n=0..3) Address offset: 0x140 + (n × 0x4) Compare event on CC[n] match Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW EVENTS_COMPARE Compare event on CC[n] match NotGenerated 0 Event not generated Generated 1 Event generated 6.11.9.12 PUBLISH_TICK Address offset: 0x180 Publish configuration for event TICK Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event TICK will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 6.11.9.13 PUBLISH_OVRFLW Address offset: 0x184 Publish configuration for event OVRFLW Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event OVRFLW will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 6.11.9.14 PUBLISH_COMPARE[n] (n=0..3) Address offset: 0x1C0 + (n × 0x4) 4418_1315 v2.0 194 |