công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF9160-SICA-R7 bảng dữ liệu(PDF) 164 Page - Nordic Semiconductor

tên linh kiện NRF9160-SICA-R7
Giải thích chi tiết về linh kiện  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 bảng dữ liệu(HTML) 164 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 160Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 161Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 162Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 163Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 164Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 165Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 166Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 167Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 168Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 400 page
background image
Peripherals
COUNTERTOP
COMP0
COMP1
OUT[0]
OUT[1]
Figure 44: PWM counter in up-and-down mode example
The counter starts decrementing to zero when COUNTERTOP is reached and will invert the OUT[n] when
compare value is hit for the second time. This results in a set of pulses that are center-aligned. The
following is the code for the counter in up-and-down mode example:
uint16_t pwm_seq[4] = {PWM_CH0_DUTY, PWM_CH1_DUTY, PWM_CH2_DUTY, PWM_CH3_DUTY};
NRF_PWM0->PSEL.OUT[0] = (first_pin << PWM_PSEL_OUT_PIN_Pos) |
(PWM_PSEL_OUT_CONNECT_Connected <<
PWM_PSEL_OUT_CONNECT_Pos);
NRF_PWM0->PSEL.OUT[1] = (second_pin << PWM_PSEL_OUT_PIN_Pos) |
(PWM_PSEL_OUT_CONNECT_Connected <<
PWM_PSEL_OUT_CONNECT_Pos);
NRF_PWM0->ENABLE
= (PWM_ENABLE_ENABLE_Enabled << PWM_ENABLE_ENABLE_Pos);
NRF_PWM0->MODE
= (PWM_MODE_UPDOWN_UpAndDown << PWM_MODE_UPDOWN_Pos);
NRF_PWM0->PRESCALER
= (PWM_PRESCALER_PRESCALER_DIV_1 <<
PWM_PRESCALER_PRESCALER_Pos);
NRF_PWM0->COUNTERTOP = (16000 << PWM_COUNTERTOP_COUNTERTOP_Pos); //1 msec
NRF_PWM0->LOOP
= (PWM_LOOP_CNT_Disabled << PWM_LOOP_CNT_Pos);
NRF_PWM0->DECODER
= (PWM_DECODER_LOAD_Individual << PWM_DECODER_LOAD_Pos) |
(PWM_DECODER_MODE_RefreshCount << PWM_DECODER_MODE_Pos);
NRF_PWM0->SEQ[0].PTR = ((uint32_t)(pwm_seq) << PWM_SEQ_PTR_PTR_Pos);
NRF_PWM0->SEQ[0].CNT = ((sizeof(pwm_seq) / sizeof(uint16_t)) <<
PWM_SEQ_CNT_CNT_Pos);
NRF_PWM0->SEQ[0].REFRESH = 0;
NRF_PWM0->SEQ[0].ENDDELAY = 0;
NRF_PWM0->TASKS_SEQSTART[0] = 1;
When the counter is running in up-and-down mode, the following formula can be used to compute the
PWM period and the step size:
TPWM(Up And Down) = TPWM_CLK * 2 * COUNTERTOP
Step width/Resolution:
Tsteps = TPWM_CLK * 2
4418_1315 v2.0
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More