công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 113 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 113 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 109Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 110Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 111Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 112Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 113Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 114Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 115Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 116Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 113 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.12
Usage Notes
5.12.1
Connecting VCL Capacitor and Bypass Capacitors
This MCU integrates an internal voltage-down circuit, which is used for lowering the power supply voltage in the
internal MCU to adjust automatically to the optimum level. A 4.7-μF capacitor needs to be connected between this
internal voltage-down power supply (VCL pin) and VSS pin. Figure 5.63 to Figure 5.64 shows how to connect
external capacitors. Place an external capacitor close to the pins. Do not apply the power supply voltage to the VCL pin.
Insert a multilayer ceramic capacitor as a bypass capacitor between each pair of the power supply pins. Implement a
bypass capacitor to the MCU power supply pins as close as possible. Use a recommended value of 0.1 μF as the
capacitance of the capacitors. For the capacitors related to crystal oscillation, see section 9, Clock Generation Circuit
in the User’s Manual: Hardware. For the capacitors related to analog modules, also see section 30, 12-Bit A/D
Converter (S12ADb) in the User’s Manual: Hardware.
For notes on designing the printed circuit board, see the descriptions of the application note "Hardware Design Guide"
(R01AN1411EJ). The latest version can be downloaded from Renesas Electronics Website.
Figure 5.63
Connecting Capacitors (64 Pins)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
54
55
51
49
50
52
53
56
57
58
59
60
61
63
64
62
RX111 Group
PLQP0064KB-A
PLQP0064GA-A
(64-pin LFQFP/LQFP)
(Top view)
AVSS0
AVCC0
VSS_USB
VCC_USB
Note. Do not apply the power supply voltage to the VCL pin.
Use a 4.7-µF multilayer ceramic for the VCL pin and place it close to the pin.
A recommended value is shown for the capacitance of the bypass capacitors.
Bypass
capacitor
0.1 µF
Bypass
capacitor
0.1 µF
Bypass
capacitor
0.1 µF
Bypass
capacitor
4.7 µF
Bypass
capacitor
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com