công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 64 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 64 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 60Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 61Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 62Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 63Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 64Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 65Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 66Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 67Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 64 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note 1. The reference power supply current is included in the power supply current value for D/A conversion.
Note 2. Current consumed only by the USB module.
Note 3. Includes the current supplied from the pull-up resistor of the USB0_DP pin to the pull-down resistor of the host device, in addition
to the current consumed by this MCU during the suspended state.
Note 4. When VCC = VCC_USB = 3.3 V.
Note 5. The value of the current flowing to VCC.
Note 6. Current consumed by the power supply (VCC).
Note 7. When VCC = AVCC0 = VCC_USB = 3.3 V.
Table 5.12
DC Characteristics (10)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol Min.
Typ.*7
Max. Unit
Test
Conditions
Analog power
supply current
During A/D conversion (at high-speed conversion)
IAVCC
—0.7
1.2
mA
Waiting for A/D (all units)
——
0.3
μA
During D/A conversion (per channel)*5
——
1.5
mA
Reference
power supply
current
During A/D conversion (at high-speed conversion)
IREFH0
—25
52
μA
Waiting for A/D conversion (all units)
—
—
60
nA
Temperature
sensor*6
ITEMP
—75
—
μA
LDV1, 2
Per channel
ILVD
—0.15
—
μA
USB
operating
current
During USB communication operation under the following settings
and conditions
 Host controller operation is set to full-speed mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
 Connect peripheral devices via a 1-meter USB cable from
the USB port.
IUSBH*2
—4.3
(VCC)
0.9
(VCC_USB)
*4
—mA
During USB communication operation under the following settings
and conditions
 Function controller operation is set to full-speed mode
Bulk OUT transfer (64 bytes) × 1,
bulk IN transfer (64 bytes) × 1
 Connect the host device via a 1-meter USB cable from the
USB port.
IUSBF*2
—3.6
(VCC)
1.1
(VCC_USB)
*4
—mA
During suspended state under the following setting and conditions
 Function controller operation is set to full-speed mode
(pull up the USB0_DP pin)
 Software standby mode
 Connect the host device via a 1-meter USB cable from the
USB port.
ISUSP*3
—0.35
(VCC)
170
(VCC_USB)
*4
—
μA
Table 5.13
DC Characteristics (11)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
RAM standby voltage
VRAM
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com