công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 40 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 40 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 36Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 37Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 38Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 39Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 40Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 41Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 42Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 43Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 40 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 864Ah
MTU4
Timer A/D Converter Start Request Cycle Set Buffer Register B
TADCOBRB
16
16
2 or 3 PCLKB
0008 8660h
MTU
Timer Waveform Control Register
TWCR
8
8, 16
2 or 3 PCLKB
0008 8680h
MTU
Timer Start Register
TSTR
8
8, 16
2 or 3 PCLKB
0008 8681h
MTU
Timer Synchronous Register
TSYR
8
8, 16
2 or 3 PCLKB
0008 8684h
MTU
Timer Read/Write Enable Register
TRWER
8
8, 16
2 or 3 PCLKB
0008 8690h
MTU0
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8691h
MTU1
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8692h
MTU2
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8693h
MTU3
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8694h
MTU4
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8695h
MTU5
Noise Filter Control Register
NFCR
8
8, 16
2 or 3 PCLKB
0008 8700h
MTU0
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8701h
MTU0
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
0008 8702h
MTU0
Timer I/O Control Register H
TIORH
8
8
2 or 3 PCLKB
0008 8703h
MTU0
Timer I/O Control Register L
TIORL
8
8
2 or 3 PCLKB
0008 8704h
MTU0
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 8705h
MTU0
Timer Status Register
TSR
8
8
2 or 3 PCLKB
0008 8706h
MTU0
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8708h
MTU0
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
0008 870Ah
MTU0
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
0008 870Ch
MTU0
Timer General Register C
TGRC
16
16
2 or 3 PCLKB
0008 870Eh
MTU0
Timer General Register D
TGRD
16
16
2 or 3 PCLKB
0008 8720h
MTU0
Timer General Register E
TGRE
16
16
2 or 3 PCLKB
0008 8722h
MTU0
Timer General Register F
TGRF
16
16
2 or 3 PCLKB
0008 8724h
MTU0
Timer Interrupt Enable Register 2
TIER2
8
8
2 or 3 PCLKB
0008 8726h
MTU0
Timer Buffer Operation Transfer Mode Register
TBTM
8
8
2 or 3 PCLKB
0008 8780h
MTU1
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8781h
MTU1
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
0008 8782h
MTU1
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
0008 8784h
MTU1
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 8785h
MTU1
Timer Status Register
TSR
8
8
2 or 3 PCLKB
0008 8786h
MTU1
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8788h
MTU1
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
0008 878Ah
MTU1
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
0008 8790h
MTU1
Timer Input Capture Control Register
TICCR
8
8
2 or 3 PCLKB
0008 8800h
MTU2
Timer Control Register
TCR
8
8
2 or 3 PCLKB
0008 8801h
MTU2
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
0008 8802h
MTU2
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
0008 8804h
MTU2
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 8805h
MTU2
Timer Status Register
TSR
8
8
2 or 3 PCLKB
0008 8806h
MTU2
Timer Counter
TCNT
16
16
2 or 3 PCLKB
0008 8808h
MTU2
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
0008 880Ah
MTU2
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
0008 8880h
MTU5
Timer Counter U
TCNTU
16
16
2 or 3 PCLKB
0008 8882h
MTU5
Timer General Register U
TGRU
16
16
2 or 3 PCLKB
0008 8884h
MTU5
Timer Control Register U
TCRU
8
8
2 or 3 PCLKB
0008 8886h
MTU5
Timer I/O Control Register U
TIORU
8
8
2 or 3 PCLKB
0008 8890h
MTU5
Timer Counter V
TCNTV
16
16
2 or 3 PCLKB
0008 8892h
MTU5
Timer General Register V
TGRV
16
16
2 or 3 PCLKB
0008 8894h
MTU5
Timer Control Register V
TCRV
8
8
2 or 3 PCLKB
0008 8896h
MTU5
Timer I/O Control Register V
TIORV
8
8
2 or 3 PCLKB
0008 88A0h
MTU5
Timer Counter W
TCNTW
16
16
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (8/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com