công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 59Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 60Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 61Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 62Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 63Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 64Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 65Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 66Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 63 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Figure 5.10
Temperature Dependency in Software Standby Mode (Reference Data)
Note 1. Total power dissipated by the entire chip (including output currents).
Note 2. Please contact Renesas Electronics sales office for derating under Ta = +85°C to 105°C. Derating is the systematic reduction of
load for the sake of improved reliability.
Table 5.11
DC Characteristics (9)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V
Item
Symbol
Typ.
Max.
Unit
Test Conditions
Permissible total consumption power*1
Pd
—
300
mW
D version (Ta = -40 to 85°C)
—
105
G version (Ta = -40 to 105°C)*2
-40
-20
0
204060
80
100
120
0.1
1
10
100
Note1. Average value of the tested middle samples during product evaluation.
Note2. Average value of the tested upper-limit samples during product evaluation.
*1
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com