công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 38 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 38 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 34Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 35Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 36Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 37Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 38Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 39Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 40Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 41Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 38 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 7594h
ICU
NMI Pin Digital Filter Setting Register
NMIFLTC
8
8
2 ICLK
0008 8000h
CMT
Compare Match Timer Start Register 0
CMSTR0
16
16
2 or 3 PCLKB
0008 8002h
CMT0
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
0008 8004h
CMT0
Compare Match Timer Counter
CMCNT
16
16
2 or 3 PCLKB
0008 8006h
CMT0
Compare Match Timer Constant Register
CMCOR
16
16
2 or 3 PCLKB
0008 8008h
CMT1
Compare Match Timer Control Register
CMCR
16
16
2 or 3 PCLKB
0008 800Ah
CMT1
Compare Match Timer Counter
CMCNT
16
16
2 or 3 PCLKB
0008 800Ch
CMT1
Compare Match Timer Constant Register
CMCOR
16
16
2 or 3 PCLKB
0008 8030h
IWDT
IWDT Refresh Register
IWDTRR
8
8
2 or 3 PCLKB
0008 8032h
IWDT
IWDT Control Register
IWDTCR
16
16
2 or 3 PCLKB
0008 8034h
IWDT
IWDT Status Register
IWDTSR
16
16
2 or 3 PCLKB
0008 8036h
IWDT
IWDT Reset Control Register
IWDTRCR
8
8
2 or 3 PCLKB
0008 8038h
IWDT
IWDT Count Stop Control Register
IWDTCSTPR
8
8
2 or 3 PCLKB
0008 80C0h
DA
D/A Data Register 0
DADR0
16
16
2 or 3 PCLKB
0008 80C2h
DA
D/A Data Register 1
DADR1
16
16
2 or 3 PCLKB
0008 80C4h
DA
D/A Control Register
DACR
8
8
2 or 3 PCLKB
0008 80C5h
DA
DADRm Format Select Register
DADPR
8
8
2 or 3 PCLKB
0008 8280h
CRC
CRC Control Register
CRCCR
8
8
2 or 3 PCLKB
0008 8281h
CRC
CRC Data Input Register
CRCDIR
8
8
2 or 3 PCLKB
0008 8282h
CRC
CRC Data Output Register
CRCDOR
16
16
2 or 3 PCLKB
0008 8300h
RIIC0
I2C Bus Control Register 1
ICCR1
8
8
2 or 3 PCLKB
0008 8301h
RIIC0
I2C Bus Control Register 2
ICCR2
8
8
2 or 3 PCLKB
0008 8302h
RIIC0
I2C Bus Mode Register 1
ICMR1
8
8
2 or 3 PCLKB
0008 8303h
RIIC0
I2C Bus Mode Register 2
ICMR2
8
8
2 or 3 PCLKB
0008 8304h
RIIC0
I2C Bus Mode Register 3
ICMR3
8
8
2 or 3 PCLKB
0008 8305h
RIIC0
I2C Bus Function Enable Register
ICFER
8
8
2 or 3 PCLKB
0008 8306h
RIIC0
I2C Bus Status Enable Register
ICSER
8
8
2 or 3 PCLKB
0008 8307h
RIIC0
I2C Bus Interrupt Enable Register
ICIER
8
8
2 or 3 PCLKB
0008 8308h
RIIC0
I2C Bus Status Register 1
ICSR1
8
8
2 or 3 PCLKB
0008 8309h
RIIC0
I2C Bus Status Register 2
ICSR2
8
8
2 or 3 PCLKB
0008 830Ah
RIIC0
Slave Address Register L0
SARL0
8
8
2 or 3 PCLKB
0008 830Ah
RIIC0
Timeout Internal Counter L
TMOCNTL
8
8
2 or 3 PCLKB
0008 830Bh
RIIC0
Slave Address Register U0
SARU0
8
8
2 or 3 PCLKB
0008 830Bh
RIIC0
Timeout Internal Counter U
TMOCNTU
8
8 *1
2 or 3 PCLKB
0008 830Ch
RIIC0
Slave Address Register L1
SARL1
8
8
2 or 3 PCLKB
0008 830Dh
RIIC0
Slave Address Register U1
SARU1
8
8
2 or 3 PCLKB
0008 830Eh
RIIC0
Slave Address Register L2
SARL2
8
8
2 or 3 PCLKB
0008 830Fh
RIIC0
Slave Address Register U2
SARU2
8
8
2 or 3 PCLKB
0008 8310h
RIIC0
I2C Bus Bit Rate Low-Level Register
ICBRL
8
8
2 or 3 PCLKB
0008 8311h
RIIC0
I2C Bus Bit Rate High-Level Register
ICBRH
8
8
2 or 3 PCLKB
0008 8312h
RIIC0
I2C Bus Transmit Data Register
ICDRT
8
8
2 or 3 PCLKB
0008 8313h
RIIC0
I2C Bus Receive Data Register
ICDRR
8
8
2 or 3 PCLKB
0008 8380h
RSPI0
RSPI Control Register
SPCR
8
8
2 or 3 PCLKB
0008 8381h
RSPI0
RSPI Slave Select Polarity Register
SSLP
8
8
2 or 3 PCLKB
0008 8382h
RSPI0
RSPI Pin Control Register
SPPCR
8
8
2 or 3 PCLKB
0008 8383h
RSPI0
RSPI Status Register
SPSR
8
8
2 or 3 PCLKB
0008 8384h
RSPI0
RSPI Data Register
SPDR
32
16, 32
2 or 3 PCLKB/2ICLK
0008 8388h
RSPI0
RSPI Sequence Control Register
SPSCR
8
8
2 or 3 PCLKB
0008 8389h
RSPI0
RSPI Sequence Status Register
SPSSR
8
8
2 or 3 PCLKB
0008 838Ah
RSPI0
RSPI Bit Rate Register
SPBR
8
8
2 or 3 PCLKB
0008 838Bh
RSPI0
RSPI Data Control Register
SPDCR
8
8
2 or 3 PCLKB
0008 838Ch
RSPI0
RSPI Clock Delay Register
SPCKD
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (6/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com