công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 65 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 65 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 61Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 62Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 63Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 64Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 65Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 66Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 67Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 68Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 65 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note:
When powering on AVCC0 and VCC, power them on at the same time or VCC first.
Note 1. When OFS1.(STUPLVD1REN, FASTSTUP) = 11b.
Note 2. When OFS1.(STUPLVD1REN, FASTSTUP) = 10b.
Note 3. When OFS1.STUPLVD1REN = 0.
Note 4. Turn on the power supply voltage according to the normal startup rising gradient because the register settings set by OFS1 are
not read in boot mode.
Figure 5.11
Ripple Waveform
Note: • The recommended capacitance is 4.7 μF. Variations in connected capacitors should be within the above range.
Table 5.14
DC Characteristics (12)
Conditions: 0 V ≤ VCC = VCC_USB ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Power-on VCC
rising gradient
At normal startup*1
SrVCC
0.02
—
20
ms/V
During fast startup time*2
0.02
—
2
Voltage monitoring 1 reset enabled at startup*3, *4
0.02
—
—
Table 5.15
DC Characteristics (13)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit
(3.6 V) and lower limit (1.8 V).
When VCC change exceeds VCC ±10%, the allowable voltage change rising/falling gradient dt/dVCC must be met.
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Allowable ripple frequency
fr (VCC)
—
—
10
kHz
Figure 5.11
Vr (VCC) ≤ VCC × 0.2
—
—
1
MHz
Figure 5.11
Vr (VCC) ≤ VCC × 0.08
—
—
10
MHz
Figure 5.11
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change rising/
falling gradient
dt/dVCC
1.0
—
—
ms/V
When VCC change exceeds VCC ±10%
Table 5.16
DC Characteristics (14)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Permissible error of VCL pin external
capacitance
CVCL
1.4
4.7
7.0
μF
Vr(VCC)
VCC
1/fr(VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com