công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 112 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 112 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 108Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 109Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 110Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 111Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 112Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 113Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 114Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 115Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 112 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.11
E2 DataFlash Characteristics
Note 1. The reprogram/erase cycle is the number of erasing for each block. When the reprogram/erase cycle is n times (n = 100000),
erasing can be performed n times for each block. For instance, when 1-byte programming is performed 1000 times for different
addresses in 1-byte block and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasing is not enabled (overwriting is prohibited).
Note 2. Characteristics when using the flash memory programmer and the self-programming library provided from Renesas Electronics.
Note 3. These results are obtained from reliability testing.
Note: • Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note: • The lower-limit frequency of FCLK is 1 MHz during programming or erasing of the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note: • The frequency accuracy of FCLK should be ±3.5%. Confirm the frequency accuracy of the clock source.
Note: • Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note: • The lower-limit frequency of FCLK is 1 MHz during programming or erasing of the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note: • The frequency accuracy of FCLK should be ±3.5%. Confirm the frequency accuracy of the clock source.
Table 5.51
E2 DataFlash Characteristics (1)
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reprogramming/erasure cycle*1
NDPEC
100000
1000000
—
Times
Data hold time
After 10000 times of NDPEC
tDDRP
20*2, *3
—
—
Year
Ta = +85°C
After 100000 times of NDPEC
5*2, *3
—
—
Year
After 1000000 times of NDPEC
—1*2, *3
—
Year
Ta = +25°C
Table 5.52
E2 DataFlash Characteristics (2)
: high-speed operating mode
Conditions: 2.7 V ≤ VCC ≤ 3.6 V, 2.7 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V
Temperature range for the programming/erasure operation: Ta = –40 to +105°C
Item
Symbol
FCLK = 1 MHz
FCLK = 32 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
1-byte
tDP1
—
86
761
—
40.5
374
μs
Erasure time
1-Kbyte
tDE1K
—
17.4
456
—
6.15
228
ms
8-Kbyte
tDE8K
—
60.4
499
—
9.3
231
ms
Blank check time
1-byte
tDBC1
—
—
48
—
—
15.9
μs
1-Kbyte
tDBC1K
—
—
1.58
—
—
0.127
μs
Erase operation forcible stop time
tDSED
—
—
21.5
—
—
12.8
μs
DataFlash STOP recovery time
tDSTOP
5—
—5—
—
μs
Table 5.53
E2 DataFlash Characteristics (3)
: middle-speed operating mode
Conditions: 1.8 V ≤ VCC ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V
Temperature range for the programming/erasure operation: Ta = –40 to +85°C
Item
Symbol
FCLK = 1 MHz
FCLK = 8 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
1-byte
tDP1
—
126
1160
—
85.4
818
μs
Erasure time
1-Kbyte
tDE1K
—
17.5
457
—
7.76
259
ms
8-Kbyte
tDE8K
—
60.5
500
—
16.7
267.6
ms
Blank check time
1-byte
tDBC1
—
—
78
—
—
50
μs
1-Kbyte
tDBC1K
—
—
1.61
—
—
0.369
ms
Erase operation forcible stop time
tDSED
—
—
33.5
—
—
25.5
μs
DataFlash STOP recovery time
tDSTOP
720
—
—
720
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com