công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 110 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 110 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 106Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 107Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 108Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 109Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 110Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 111Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 112Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 113Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 110 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.10
ROM (Flash Memory for Code Storage) Characteristics
Note 1. Definition of reprogram/erase cycle: The reprogram/erase cycle is the number of erasing for each block. When the reprogram/
erase cycle is n times (n = 1000), erasing can be performed n times for each block. For instance, when 4-byte programming is
performed 256 times for different addresses in 1-Kbyte block and then the entire block is erased, the reprogram/erase cycle is
counted as one. However, programming the same address for several times as one erasing is not enabled (overwriting is
prohibited).
Note 2. Characteristic when using the flash memory programmer and the self-programming library provided from Renesas Electronics.
Note 3. This result is obtained from reliability testing.
Note: • Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note: • The lower-limit frequency of FCLK is 1 MHz during programming or erasing of the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note: • The frequency accuracy of FCLK should be ±3.5%. Confirm the frequency accuracy of the clock source.
Table 5.48
ROM (Flash Memory for Code Storage) Characteristics (1)
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reprogramming/erasure cycle*1
NPEC
1000
—
—
Times
Data hold time
After 1000 times of NPEC
tDRP
20*2, *3
—
—
Year
Ta = +85°C
Table 5.49
ROM (Flash Memory for Code Storage) Characteristics (2)
High-speed operating mode Conditions: 2.7 V ≤ VCC ≤ 3.6 V, 2.7 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V
Temperature range for the programming/erasure operation: Ta = –40 to +105°C
Item
Symbol
FCLK = 1 MHz
FCLK = 32 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
4-byte
tP4
—
103
931
—
52
489
μs
Erasure time
1-Kbyte
tE1K
—
8.23
267
—
5.48
214
ms
256-Kbyte
tE256K
—
407
925
—
39
457
ms
Blank check time
4-byte
tBC4
—
—
48
—
—
15.9
μs
1-Kbyte
tBC1K
—
—
1.58
—
—
0.127
ms
Erase operation forcible stop time
tSED
—
—
21.6
—
—
12.8
μs
Start-up area switching setting time
tSAS
—
12.6
543
—
6.16
432
ms
Access window time
tAWS
—
12.6
543
—
6.16
432
ms
ROM mode transition wait time 1
tDIS
2—
—2—
—
μs
ROM mode transition wait time 2
tMS
5—
—5—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com