công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 111 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 111 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 107Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 108Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 109Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 110Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 111Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 112Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 113Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 114Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 111 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note: • Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note: • The lower-limit frequency of FCLK is 1 MHz during programming or erasing of the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note: • The frequency accuracy of FCLK should be ±3.5%. Confirm the frequency accuracy of the clock source.
Table 5.50
ROM (Flash Memory for Code Storage) Characteristics (3)
Middle-speed operating mode Conditions: 1.8 V ≤ VCC ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V
Temperature range for the programming/erasure operation: Ta = –40 to +85°C
Item
Symbol
FCLK = 1 MHz
FCLK = 8 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
4-byte
tP4
—
143
1330
—
96.8
932
μs
Erasure time
1-Kbyte
tE1K
—
8.3
269
—
5.85
219
ms
256-Kbyte
tE256K
—
407
928
—
93
520
ms
Blank check time
4-byte
tBC4
——
78
——
50
μs
1-Kbyte
tBC1K
—
—
1.61
—
—
0.369
ms
Erase operation forcible stop time
tSED
—
—
33.6
—
—
25.6
μs
Start-up area switching setting time
tSAS
—
13.2
549
—
7.6
445
ms
Access window time
tAWS
—
13.2
549
—
7.6
445
ms
ROM mode transition wait time 1
tDIS
2—
—2—
—
μs
ROM mode transition wait time 2
tMS
3—
—3—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com