công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC572LX bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện SPC572LX
Giải thích chi tiết về linh kiện  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 29Page - STMicroelectronics SPC572LX Datasheet HTML 30Page - STMicroelectronics SPC572LX Datasheet HTML 31Page - STMicroelectronics SPC572LX Datasheet HTML 32Page - STMicroelectronics SPC572LX Datasheet HTML 33Page - STMicroelectronics SPC572LX Datasheet HTML 34Page - STMicroelectronics SPC572LX Datasheet HTML 35Page - STMicroelectronics SPC572LX Datasheet HTML 36Page - STMicroelectronics SPC572LX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
DocID027866 Rev 5
33/112
SPC572Lx
Electrical characteristics
111
3.9
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is
associated to a VDD/VSS supply pair.
Table 18 provides I/O consumption figures.
tTR_V
CC
T
10–90% threshold
transition time output pin
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
CL = 25 pF(4)
1—
5.3
ns
VDD_HV_IO = 5.0 V ± 10%,
CL = 50 pF(4)
2.5
—
12
VDD_HV_IO = 5.0 V ± 10%,
CL = 200 pF(4)
11
—
45
tTR20-80
CC
—
20–80% threshold
transition time output pin
VERY STRONG
configuration
VDD_HV_IO = 5.0 V ± 10%,
CL = 25 pF(4)
0.8
—
4
ns
VDD_HV_IO = 3.3 V ± 10%,
CL = 15 pF(4)
1—5
tTRTTL
CC
—
TTL threshold transition
time(5) for output pin in
VERY STRONG
configuration
VDD_HV_IO = 3.3 V ± 10%,
CL = 25 pF(4)
1—5
ns
ΣtTR20-80
CC
—
Sum of transition time 20–
80% output pin VERY
STRONG configuration
VDD_HV_IO = 5.0 V ± 10%,
CL =25 pF
——
9
ns
VDD_HV_IO = 3.3 V ± 10%,
CL =15pF(4)
——
9
|tSKEW_V|
CC
T
Difference between rise
and fall time at 20–80%
VDD_HV_IO = 5.0 V ± 10%,
CL = 25 pF(4)
0—1
ns
TPHL/PLH
CC
D
Propagation delay
CL = 25 pF,
4.5 V < VDD_HV_IO < 5.9 V
——
9
ns
CL = 25 pF,
3.0 V < VDD_HV_IO < 3.6 V
——
10.5
CL = 50 pF,
4.5 V < VDD_HV_IO < 5.9 V
——
15
CL = 50 pF,
3.0 V < VDD_HV_IO < 3.6 V
——
12
IDCMAX_VS CC
D
Maximum DC current
—
—
—
10
mA
1. All VDD_HV_IO conditions for 4.5 V to 5.5 V are valid for VSIO[VSIO_xx] = 1, and all specifications for 3.0 V to 3.6 V are valid
for VSIO[VSIO_xx] = 0.
2. All values need to be confirmed during device validation.
3. Only available on the VDD_HV_IO_JTAG and VDD_HV_IO_ETH segments.
4. CL is the sum of external capacitance. Add device and package capacitances (CIN, defined in the Table 12: I/O input DC
electrical characteristics in this Datasheet) to calculate total signal capacitance (CTOT = CL + CIN).
5. TTL transition time as for Ethernet standard.
Table 17. VERY STRONG configuration output buffer electrical characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com