công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC572LX bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện SPC572LX
Giải thích chi tiết về linh kiện  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 12Page - STMicroelectronics SPC572LX Datasheet HTML 13Page - STMicroelectronics SPC572LX Datasheet HTML 14Page - STMicroelectronics SPC572LX Datasheet HTML 15Page - STMicroelectronics SPC572LX Datasheet HTML 16Page - STMicroelectronics SPC572LX Datasheet HTML 17Page - STMicroelectronics SPC572LX Datasheet HTML 18Page - STMicroelectronics SPC572LX Datasheet HTML 19Page - STMicroelectronics SPC572LX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
Package pinouts and signal descriptions
SPC572Lx
16/112
DocID027866 Rev 5
2.2.3
LVDS pins
Table 5 contains information on LVDS pin functions for the devices.
2.2.4
Generic pins
The I/O Signal Description Table contains information on generic pins. See the I/O Signal
Description and Input Multiplexing Tables (Excel file) attached to this document. Locate the
XTAL
Analog output of the oscillator amplifier circuit
needs to be grounded if oscillator is used in bypass
mode.
Output
44
54
EXTAL
Analog input of the oscillator amplifier circuit when
oscillator is not in bypass mode
Analog input for the clock generator when oscillator is
in bypass mode
Input
43
53
Table 4. System pins (continued)
Symbol
Description
Direction
QFP pin
80
100
Table 5. LVDSM pin descriptions
Functional
block
Port
pin
Signal
Signal description
Direction
Package pin number
eTQFP80
eTQFP100
SIPI
LFAST(1)
PF[13]
SIPI_RXN
Interprocessor Bus LFAST,
LVDS Receive Negative
Terminal
I46
56
PD[7]
SIPI_RXP
Interprocessor Bus LFAST,
LVDS Receive Positive Terminal
I47
57
PD[6]
SIPI_TXN
Interprocessor Bus LFAST,
LVDS Transmit Negative
Terminal
O48
58
PA[8]
SIPI_TXP
Interprocessor Bus LFAST,
LVDS Transmit Positive
Terminal
O49
59
DSPI 4
Microsecond
Bus
PD[3]
SCK_N
DSPI 4 Microsecond Bus Serial
Clock, LVDS Negative Terminal
O69
87
PD[2]
SCK_P
DSPI 4 Microsecond Bus Serial
Clock, LVDS Positive Terminal
O70
88
PD[1]
SOUT_N
DSPI 4 Microsecond Bus Serial
Data, LVDS Negative Terminal
O71
89
PD[0]
SOUT_P
DSPI 4 Microsecond Bus Serial
Data, LVDS Positive Terminal
O72
90
1. DRCLK and TCK/DRCLK usage for SIPI LFAST is described in the SPC572Lx reference manual, refer to SIPI LFAST
chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com