công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC572LX bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện SPC572LX
Giải thích chi tiết về linh kiện  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 7Page - STMicroelectronics SPC572LX Datasheet HTML 8Page - STMicroelectronics SPC572LX Datasheet HTML 9Page - STMicroelectronics SPC572LX Datasheet HTML 10Page - STMicroelectronics SPC572LX Datasheet HTML 11Page - STMicroelectronics SPC572LX Datasheet HTML 12Page - STMicroelectronics SPC572LX Datasheet HTML 13Page - STMicroelectronics SPC572LX Datasheet HTML 14Page - STMicroelectronics SPC572LX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
DocID027866 Rev 5
11/112
SPC572Lx
Introduction
111
1.5
Features overview
On-chip modules within SPC572Lx include the following features:
•
1 main CPU, single issue, 32-bit CPU core complex (e200z2)
–
Power Architecture embedded specification compliance
–
Instruction set enhancement allowing variable length encoding (VLE), encoding a
mix of 16-bit and 32-bit instructions, for code size footprint reduction
–
Single-precision floating point operations
–
Saturation Instructions Extension adding scalar saturating arithmetic support to
the PowerISA Integer Saturation (ISAT)
•
1568 KB (1536 KB code flash + 32 KB data flash) on-chip flash memory
–
Supporting multiple blocks allowing EEPROM emulation
–
RWW between data EEPROM and code flash memory
•
64 KB general-purpose data SRAM
•
System Memory Protection Unit (SMPU)
•
16-channel Direct Memory Access controllers (eDMA) with two channel multiplexers for
up to 60 DMA sources
•
Interrupt Controller (INTC) supporting up to 1024 interrupt sources (all are not
assigned)
•
System Timer Module (STM)
•
2 Software Watchdog Timers (SWT)
•
2 Periodic Interrupt Timers (PIT)
–
1 PIT with four standard 32-bit timer channels
–
1 PIT with two 32-bit timer channels which can be combined into one 64-bit
channel
•
Single phase-locked loop with stable clock domain for peripherals and core (PLL)
•
Single crossbar switch architecture for concurrent access to peripherals, flash memory,
or SRAM from multiple bus masters
•
System Integration Unit Lite (SIUL2)
•
Boot Assist Flash (BAF) supports factory programming using a serial bootload through
the UART Serial Boot Mode Protocol (physical interface (PHY) can be e.g., UART and
CAN)
•
PASS module (supporting 256-bit JTAG password protection)
•
Device life cycle monitoring
•
Generic Timer Module (GTM101)
•
Enhanced analog-to-digital converter system with:
–
Three 12-bit SAR analog converters
–
One 16-bit Sigma-Delta analog converter
•
Decimation unit to support SD ADC data conditioning
•
1 Deserial Serial Peripheral Interface (DSPI) module
•
2 LIN and UART communication interfaces (LINFlexD) modules
•
1 microsecond-bus channel (composed of one DSPI and one LINFlexD)
•
4 SENT (Single Edge Nibble Transmission) channels
•
2 Modular Controller Area Network (M_CAN) modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com