công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC572LX bảng dữ liệu(PDF) 23 Page - STMicroelectronics

tên linh kiện SPC572LX
Giải thích chi tiết về linh kiện  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX bảng dữ liệu(HTML) 23 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 19Page - STMicroelectronics SPC572LX Datasheet HTML 20Page - STMicroelectronics SPC572LX Datasheet HTML 21Page - STMicroelectronics SPC572LX Datasheet HTML 22Page - STMicroelectronics SPC572LX Datasheet HTML 23Page - STMicroelectronics SPC572LX Datasheet HTML 24Page - STMicroelectronics SPC572LX Datasheet HTML 25Page - STMicroelectronics SPC572LX Datasheet HTML 26Page - STMicroelectronics SPC572LX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
DocID027866 Rev 5
23/112
SPC572Lx
Electrical characteristics
111
3.8
I/O pad specification
The following table describes the different pad type configurations.
Table 10. DC electrical specifications(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
IDD
CC P Operating current all
supply rails
fMAX(2)
—
—
145
mA
IDDPE
CC C Operating current all
supplies including
program/erase
fMAX(3)
—
—
165
mA
IDDAPP
CC P Operating current all
supplies with typical
application
At TJ<150°C
—
—
125
mA
IDDAR
CC P VDD_HV_IO After Run
operating current
At 40 °C
Total device consumption
on VDD_HV_IO, including
consumption for VDD_LV
generation.
No I/O activity
——
22
mA
CC T
After-run mode HV
current, TA =55 °C,
VDD_HV_IO = 5.5 V
——
24
ISPIKE
CC T Maximum short term
current spike
< 20 µs observation
window
——
60
mA
dI
CC T Current difference ratio to
average current (dI/avg(I))
< 20 µs observation
window
——
20
%
ISR
CC D Current variation during
boot/shut-down
——
—
50
mA
VREF_BG_T
CC P Bandgap trimmed
reference voltage
TJ = –40 °C to 150 °C
VDD_HV_ADV = 5 V + 10%
1.200
—
1.237
V
VREF_BG_TC
CC C Bandgap temperature
coefficient(4)
TJ = –40 °C to 150 °C
VDD_HV_ADV = 5 V + 10%
-50
—
50
ppm
/°C
VREF_BG_LR
CC C Bandgap line regulation
TJ = –40 °C
VDD_HV_ADV = 5 V + 10%
—
—
8000
ppm
/V
CTJ = 150 °C
VDD_HV_ADV = 5 V + 10%
—
—
4000
1. The ranges in this table are design targets and actual data may vary in the given range.
2. fMAX as specified per IP, unloaded I/O with LVDS pins active and terminated. Measured on an application specific pattern.
3. fMAX as specified per IP, unloaded I/O with LVDS pins active and terminated. Measured on an application specific pattern
with active flash program and erase.
4. The temperature coefficient and line regulation specifications are used to calculate the reference voltage drift at an
operating point within the specified voltage and temperature operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com