công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC572LX bảng dữ liệu(PDF) 89 Page - STMicroelectronics

tên linh kiện SPC572LX
Giải thích chi tiết về linh kiện  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX bảng dữ liệu(HTML) 89 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 85Page - STMicroelectronics SPC572LX Datasheet HTML 86Page - STMicroelectronics SPC572LX Datasheet HTML 87Page - STMicroelectronics SPC572LX Datasheet HTML 88Page - STMicroelectronics SPC572LX Datasheet HTML 89Page - STMicroelectronics SPC572LX Datasheet HTML 90Page - STMicroelectronics SPC572LX Datasheet HTML 91Page - STMicroelectronics SPC572LX Datasheet HTML 92Page - STMicroelectronics SPC572LX Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
DocID027866 Rev 5
89/112
SPC572Lx
Electrical characteristics
111
Figure 36. RMII receive signal timing diagram
3.17.3.3
RMII transmit signal timing (TXD[1:0], TX_EN)
The transmitter functions correctly up to a REF_CLK maximum frequency of 50 MHz + 1%.
There is no minimum frequency requirement. The system clock frequency must be at least
equal to or greater than the TX_CLK frequency, which is half that of the REF_CLK frequency.
The transmit outputs (TXD[1:0], TX_EN) can be programmed to transition from either the
rising or falling edge of REF_CLK, and the timing is the same in either case. This options
allows the use of non-compliant RMII PHYs.
Figure 37. RMII transmit signal timing diagram
R1
R2
REF_CLK (input)
RXD[1:0] (inputs)
CRS_DV
R3
R4
Table 48. RMII transmit signal timing(1)
Symbol
C
Characteristic
Value
Unit
Min
Max
R5
CC
D
REF_CLK to TXD[1:0], TX_EN invalid
2
—
ns
R6
CC
D
REF_CLK to TXD[1:0], TX_EN valid
—
16
ns
R7
CC
D
REF_CLK pulse width high
35%
65%
REF_CLK period
R8
CC
D
REF_CLK pulse width low
35%
65%
REF_CLK period
1. RMII timing is valid only up to a maximum of 150
°C junction temperature.
R6
REF_CLK (input)
TXD[1:0] (outputs)
TX_EN
R5
R7
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com