| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECE1200 bảng dữ liệu(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ECE1200 bảng dữ liệu(HTML) 10 Page - Microchip Technology |
|
10 / 87 page ![]() ECE1200 DS00003093C Draft-page 10 2018-2021 Microchip Technology Inc. 2.0 PIN CONFIGURATION 2.1 Description The Pin Configuration chapter defines the Pin List and the Package. 2.2 Pin List Pins are listed in Section 2.2.1 below. Note: The column Emulated Power Well indicates when signals are enabled: VCC means that the LPC_EN pin must be high, meaning that Main (S0) power rails in the system are valid, before these pins are allowed to drive high. VTR means that they may drive (high or low) as soon as all VTR power is present and RESETI# is high. This behavior is ensured only if the TEST pin remains low. |