| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP3464T-E/ST bảng dữ liệu(PDF) 94 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3464T-E/ST bảng dữ liệu(HTML) 94 Page - Microchip Technology |
|
94 / 108 page ![]() MCP3461/2/4 DS20006180D-page 94 2019-2021 Microchip Technology Inc. 8.16 CRCCFG Register Name Bits Address Cof CRCCFG 16 0xF R REGISTER 8-16: CRCCFG: CRC CONFIGURATION REGISTER R/W-0 CRCCFG[15:0] bit 15 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-0 CRCCFG[15:0]: CRC-16 Checksum Value CRC-16 checksum is continuously calculated internally based on the register map configuration settings when the device is locked (LOCK[7:0] is different than 0xA5). |