công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP3464T-E/ST bảng dữ liệu(PDF) 28 Page - Microchip Technology

tên linh kiện MCP3464T-E/ST
Giải thích chi tiết về linh kiện  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST bảng dữ liệu(HTML) 28 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 24Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 25Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 26Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 27Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 28Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 29Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 30Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 31Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
MCP3461/2/4
DS20006180D-page 28
 2019-2021 Microchip Technology Inc.
4.5
OSR – Oversampling Ratio
The ratio of the sampling frequency to the output data
rate. OSR = DMCLK/(DRCLK) in Continuous mode.
See Table 5-6 for the OSR setting effect on sinc filter
parameters.
4.6
Offset Error
This is the error induced by the ADC when the inputs
are shorted together (VIN = 0V). This error varies based
on gain settings, OSR settings and from chip to chip. It
can easily be calibrated out by a MCU with a
subtraction.
4.7
Gain Error
This is the error induced by the ADC on the slope of the
transfer function. It is the deviation expressed in
percentage compared to the ideal transfer function
defined by Equation 5-5. The specification incorporates
ADC gain error contributions, but not the VREF
contribution. This error varies with GAIN and OSR
settings.
The gain error of this device has a low-temperature
coefficient.
4.8
Integral Nonlinearity Error (INL)
Integral nonlinearity error is the maximum deviation of
an ADC transition point from the corresponding point of
an ideal transfer function, with the offset and gain
errors removed, or with the end points equal to zero. It
is the maximum remaining static error after calibration
of offset and gain errors for a DC input signal.
4.9
Signal-to-Noise Ratio (SNR)
For this device family, the Signal-to-Noise ratio is a ratio
of the output fundamental signal power to the noise
power (not including the harmonics of the signal) when
the input is a sine wave at a predetermined frequency.
It is measured in dB. Usually, only the maximum
Signal-to-Noise Ratio is specified. The SNR figure
depends mainly on the OSR and GAIN settings of the
device as well as temperature (due to thermal noise
being dominant for high OSR).
EQUATION 4-4:
SIGNAL-TO-NOISE RATIO
4.10
Signal-to-Noise and Distortion
Ratio (SINAD)
Signal-to-Noise and Distortion Ratio is similar to
Signal-to-Noise Ratio, with the exception that you must
include the harmonics power in the noise power
calculation. The SINAD specification depends mainly
on the OSR and GAIN settings.
EQUATION 4-5:
SINAD EQUATION
The calculated combination of SNR and THD per
Equation 4-6 also yields SINAD:
EQUATION 4-6:
SINAD, THD AND SNR
RELATIONSHIP
4.11
Total Harmonic Distortion (THD)
The Total Harmonic Distortion is the ratio of the output
harmonics’ power to the fundamental signal power for
a sine wave input and is defined by Equation 4-7.
EQUATION 4-7:
The THD is usually only measured with respect to the
ten first harmonics. THD is sometimes expressed in
percentage (%). For converting the THD from “dB” to
“%”, apply the formula in Equation 4-8.
EQUATION 4-8:
4.12
Spurious-Free Dynamic Range
(SFDR)
The ratio between the output power of the fundamental
and the highest spur in the frequency spectrum. The
spur frequency is not necessarily a harmonic of the
fundamental, even though it is usually the case. This
figure represents the dynamic range of the ADC when
a full-scale signal is used at the input. This specification
depends mainly on the OSR and GAIN setting.
EQUATION 4-9:
SNR dB

10
SignalPower
NoisePower
----------------------------------


log
=
SINAD dB

10
SignalPower
Noise
HarmonicsPower
+
---------------------------------------------------------------------


log
=
SINAD dB

10
10
SNR
10
-----------


10
THD
10
------------


+
log
=
THD dB

10
HarmonicsPower
FundamentalPower
-----------------------------------------------------


log
=
THD %

100 10
THD dB

20
------------------------
=
SFDR dB

10
FundamentalPower
HighestSpurPower
-----------------------------------------------------


log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com