công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28375DPZP bảng dữ liệu(PDF) 219 Page - Texas Instruments

tên linh kiện TMS320F28375DPZP
Giải thích chi tiết về linh kiện  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP bảng dữ liệu(HTML) 219 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 215Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 216Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 217Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 218Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 219Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 220Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 221Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 222Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 226 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(8.07)
BASED ON
0.125 THICK STENCIL
172X (0.5)
176X (1.45)
176X (0.3)
(R0.05) TYP
(25.5)
(25.5)
(7.33)
BASED ON
0.125 THICK
STENCIL
6.82 X 6.2
0.175
7.37 X 6.69
0.150
8.07 X 7.33 (SHOWN)
0.125
9.02 X 8.2
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
PowerPAD
HLQFP - 1.6 mm max height
PTP0176F
PLASTIC QUAD FLATPACK
4223382/A 03/2017
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:4X
THICKNESSES
FOR OTHER STENCIL
DIFFERENT OPENINGS
SEE TABLE FOR
SYMM
SYMM
176
133
45
88
89
132
1
44
BY SOLDER MASK
METAL COVERED
177
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
219
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com