| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H723VG bảng dữ liệu(PDF) 160 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H723VG bảng dữ liệu(HTML) 160 Page - STMicroelectronics |
|
160 / 227 page ![]() Electrical characteristics STM32H723xE/G 160/227 DS13313 Rev 2 8 bits 47 3.32E-08 5.10E-08 8.61E-08 68 3.59E-08 5.35E-08 8.83E-08 100 4.10E-08 5.83E-08 9.22E-08 150 5.06E-08 6.76E-08 9.95E-08 220 6.61E-08 8.22E-08 1.11E-07 330 9.17E-08 1.08E-07 1.32E-07 470 1.24E-07 1.40E-07 1.63E-07 680 1.74E-07 1.91E-07 2.12E-07 1000 2.53E-07 2.70E-07 2.85E-07 1500 3.73E-07 3.93E-07 4.05E-07 2200 5.39E-07 5.67E-07 5.75E-07 3300 8.02E-07 8.36E-07 8.38E-07 4700 1.13E-06 1.18E-06 1.18E-06 6800 1.62E-06 1.69E-06 1.68E-06 10000 2.36E-06 2.47E-06 2.45E-06 15000 3.50E-06 3.69E-06 3.65E-06 1. Guaranteed by design. 2. Data valid at up to 130 °C, with a 47 pF PCB capacitor, and VDDA=1.6 V. 3. Direct channels are connected to analog I/Os (PA0_C, PA1_C, PC2_C and PC3_C) to optimize ADC performance. 4. Fast channels correspond to PA6, PB1, PC4, PF11, PF13 for ADCx_INPx, and to PA7, PB0, PC5, PF12, PF14 for ADCx_INNx. 5. Slow channels correspond to all ADC inputs except for the Direct and Fast channels. Table 80. Minimum sampling time vs RAIN (16-bit ADC)(1)(2) (continued) Resolution RAIN (Ω) Minimum sampling time (s) Direct channels(3) Fast channels(4) Slow channels(5) |