công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913 bảng dữ liệu(PDF) 104 Page - Microchip Technology

tên linh kiện PIC16F913
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 bảng dữ liệu(HTML) 104 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 100Page - Microchip Technology PIC16F913 Datasheet HTML 101Page - Microchip Technology PIC16F913 Datasheet HTML 102Page - Microchip Technology PIC16F913 Datasheet HTML 103Page - Microchip Technology PIC16F913 Datasheet HTML 104Page - Microchip Technology PIC16F913 Datasheet HTML 105Page - Microchip Technology PIC16F913 Datasheet HTML 106Page - Microchip Technology PIC16F913 Datasheet HTML 107Page - Microchip Technology PIC16F913 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 102
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 9-1:
LCD DRIVER MODULE BLOCK DIAGRAM
COM<3:0>
Clock Source
Timing Control
Data Bus
Select and
Prescaler
LFINTOSC/32
FOSC/8192
T10SC/32
96
to
24
MUX
SEG<23:0>
To I/O Pads(1)
To I/O Pads(1)
LCDCON
LCDPS
LCDSEn
12 x 8
(= 4 x 24)
LCDDATAx
Registers
Note 1:
These are not directly connected to the I/O pads. See Section 3.0 “I/O Ports” for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More