công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913 bảng dữ liệu(PDF) 99 Page - Microchip Technology

tên linh kiện PIC16F913
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 bảng dữ liệu(HTML) 99 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 95Page - Microchip Technology PIC16F913 Datasheet HTML 96Page - Microchip Technology PIC16F913 Datasheet HTML 97Page - Microchip Technology PIC16F913 Datasheet HTML 98Page - Microchip Technology PIC16F913 Datasheet HTML 99Page - Microchip Technology PIC16F913 Datasheet HTML 100Page - Microchip Technology PIC16F913 Datasheet HTML 101Page - Microchip Technology PIC16F913 Datasheet HTML 102Page - Microchip Technology PIC16F913 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 97
PIC16F917/916/914/913
REGISTER 8-2:
CMCON1 – COMPARATOR CONFIGURATION REGISTER (ADDRESS: 97h)
8.4
Comparator Outputs
The comparator outputs are read through the
CMCON0 register. These bits are read-only. The
comparator outputs may also be directly output to the
RA4 and RA5 I/O pins. When enabled, multiplexers in
the output path of the RA4 and RA5 pins will switch
and the output of each pin will be the unsynchronized
output of the comparator. The uncertainty of each of
the comparators is related to the input offset voltage
and the response time given in the specifications.
Figure 8-4 and Figure 8-5 show the output block
diagram for Comparator 1 and 2.
The TRIS bits will still function as an output
enable/disable for the RA4 and RA5 pins while in this
mode.
The polarity of the comparator outputs can be changed
using the C1INV and C2INV bits (CMCON0<5:4>).
Timer1 gate source can be configured to use the T1G
pin or Comparator 2 output as selected by the T1GSS
bit (CMCON1<1>). This feature can be used to time
the duration or interval of analog events. The output of
Comparator 2 can also be synchronized with Timer1
by setting the C2SYNC bit (CMCON1<0>). When
enabled, the output of Comparator 2 is latched on the
falling edge of Timer1 clock source. If a prescaler is
used with Timer1, Comparator 2 is latched after the
prescaler. To prevent a race condition, the Comparator
2 output is latched on the falling edge of the Timer1
clock source and Timer1 increments on the rising edge
of its clock source. See (Figure 8-5), Comparator 2
Block
Diagram
and
(Figure 6-1),
Timer1
Block
Diagram for more information.
It is recommended to synchronize Comparator 2 with
Timer1 by setting the C2SYNC bit when Comparator 2
is used as the Timer1 gate source. This ensures Timer1
does not miss an increment if Comparator 2 changes
during an increment.
8.5
Comparator Interrupts
The comparator interrupt flags are set whenever there is
a change in the output value of its respective comparator.
Software will need to maintain information about the
status of the output bits, as read from CMCON0<7:6>, to
determine the actual change that has occurred. The CxIF
bits, PIR2<6:5>, are the Comparator Interrupt flags. This
bit must be reset in software by clearing it to ‘0’. Since it
is also possible to write a ‘1’ to this register, a simulated
interrupt may be initiated.
The
CxIE
bits
(PIE2<6:5>)
and
the
PEIE
bit
(INTCON<6>) must be set to enable the interrupts. In
addition, the GIE bit must also be set. If any of these
bits are cleared, the interrupt is not enabled, though the
CxIF bits will still be set if an interrupt condition occurs.
The user, in the Interrupt Service Routine, can clear the
interrupt in the following manner:
a)
Any read or write of CMCON0. This will end the
mismatch condition.
b)
Clear flag bit CxIF
A mismatch condition will continue to set flag bit CxIF.
Reading CMCON0 will end the mismatch condition and
allow flag bits CxIF to be cleared.
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
—
—
—
—
—
—
T1GSS
C2SYNC
bit 7
bit 0
bit 7-2:
Unimplemented: Read as ‘0’
bit 1
T1GSS: Timer1 Gate Source Select bit
1
= Timer1 gate source is T1G pin (RC4 must be configured as digital input)
0
= Timer1 gate source is Comparator 2 Output
bit 0
C2SYNC: Comparator 2 Synchronize bit
1
= C2 output synchronized with falling edge of Timer1 clock
0
= C2 output not synchronized with Timer1 clock
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Note:
If a change in the CMCON0 register
(CxOUT) should occur when a read
operation is being executed (start of the Q2
cycle), then the CxIF (PIR2<6:5>) interrupt
flag may not get set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com