công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913 bảng dữ liệu(PDF) 46 Page - Microchip Technology

tên linh kiện PIC16F913
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 bảng dữ liệu(HTML) 46 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 42Page - Microchip Technology PIC16F913 Datasheet HTML 43Page - Microchip Technology PIC16F913 Datasheet HTML 44Page - Microchip Technology PIC16F913 Datasheet HTML 45Page - Microchip Technology PIC16F913 Datasheet HTML 46Page - Microchip Technology PIC16F913 Datasheet HTML 47Page - Microchip Technology PIC16F913 Datasheet HTML 48Page - Microchip Technology PIC16F913 Datasheet HTML 49Page - Microchip Technology PIC16F913 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 44
Preliminary
© 2005 Microchip Technology Inc.
3.3.3
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTB pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the LCD or interrupts, refer to the appropriate
section in this data sheet.
3.3.3.1
RB0/INT/SEG0
Figure 3-9 shows the diagram for this pin. The
RB0/INT/SEG0 pin is configurable to function as one of
the following:
• a general purpose I/O
• an external edge triggered interrupt
• an analog output for the LCD
3.3.3.2
RB1/SEG1
Figure 3-9 shows the diagram for this pin. The
RB1/SEG1 pin is configurable to function as one of the
following:
• a general purpose I/O
• an analog output for the LCD
3.3.3.3
RB2/SEG2
Figure 3-9 shows the diagram for this pin. The
RB2/SEG2 pin is configurable to function as one of the
following:
• a general purpose I/O
• an analog output for the LCD
3.3.3.4
RB3/SEG3
Figure 3-9 shows the diagram for this pin. The
RB3/SEG3 pin is configurable to function as one of the
following:
• a general purpose I/O
• an analog output for the LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More