| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F913 bảng dữ liệu(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913 bảng dữ liệu(HTML) 56 Page - Microchip Technology |
|
56 / 272 page ![]() PIC16F917/916/914/913 DS41250E-page 54 Preliminary © 2005 Microchip Technology Inc. 3.4.1.4 RC3/SEG6 Figure 3-17 shows the diagram for this pin. The RC3/SEG6 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD FIGURE 3-17: BLOCK DIAGRAM OF RC3/SEG6 RD PORTC SEG6 and LCDEN RC3/SEG6 Schmitt Trigger VDD Q D CK Data Latch TRIS Latch RD TRISC Data Bus WR PORTC WR TRISC Q D CK Q Q SE6 and LCDEN SE6 and LCDEN Pin |