| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F913 bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913 bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 35 PIC16F917/916/914/913 3.1.1.3 RA2/AN2/C2+/VREF-/COM2 Figure 3-3 shows the diagram for this pin. The RA2/AN2/C2+/VREF-/COM2 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D • an analog input for Comparator 2 • a voltage reference input for the A/D • an analog output for the LCD FIGURE 3-3: BLOCK DIAGRAM OF RA2/AN2/C2+/VREF-/COM2 Q D Q CK Data Latch TRIS Latch RD TRISA RD PORTA Q D Q CK To A/D Converter or Comparator COM2 Data Bus WR PORTA WR TRISA To A/D Module VREF- Input Analog Input or I/O Pin TTL Input Buffer VDD LCDEN and LMUX<1:0> = 1X LCDEN and LMUX<1:0> = 1X LCDEN and LMUX<1:0> = 1X |