| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F469 bảng dữ liệu(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469 bảng dữ liệu(HTML) 70 Page - STMicroelectronics |
|
70 / 91 page ![]() LTDC application examples AN4861 70/91 DocID029237 Rev 2 To configure the LCD_DISP pin in output mode with STM32CubeMX, in the pinout tab click on the PI12 pin then select GPIO_Output (see Figure 40). Figure 40. STM32CubeMX: display enable pin (LCD_DISP) configuration Then, the LDC_DISP (PI12) pin should be configured to high level, to do it, in the configuration tab click on GPIO button. Then in the pin configuration window set the GPIO output level to high as described in Figure 41. Figure 41. STM32CubeMX: setting LCD_DISP pin output level to high |