| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705JB3 bảng dữ liệu(PDF) 98 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705JB3 bảng dữ liệu(HTML) 98 Page - Freescale Semiconductor, Inc |
|
98 / 134 page ![]() GENERAL RELEASE SPECIFICATION November 5, 1998 MOTOROLA UNIVERSAL SERIAL BUS MODULE MC68HC05JB3 10-30 REV 1 Figure 10-30. SETUP Token Data Flow for Receive Endpoint 0 Valid SETUP token received for Endpoint 0 Endpoint 0 Receive Enabled? (USBEN = 1) Error free DATA packet? No Response from USB function Ignore transaction No response from USB function Set RXD0F to 1 Receive Control Endpoint Interrupt Enabled? (RXD0IE = 1) No Interrupt Valid transaction Interrupt generated Accept Data Set SETUP to 1 N N N Y Y Y Y Y Y STALL0 = 0? N Clear STALL0 bit Endpoint 0 Receive Ready to Receive? (RX0E = 1) && (RXD0F = 0) N Y set/clear RSEQ bit No Response from USB function Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |