công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC705JB3 bảng dữ liệu(PDF) 88 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC705JB3
Giải thích chi tiết về linh kiện  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 bảng dữ liệu(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 87Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 88Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 89Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 90Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 91Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB3
10-20
REV 1
Software must also set RX0E bit to one to enable the next data packet recep-
tion. If RXD0F bit is not cleared, a NAK handshake will be returned in the next
OUT transaction.
Reset clears this bit. Writing a logic 0 to RXD0F has no effect.
1 =
Receive on Endpoint 0 has occurred.
0 =
Receive on Endpoint 0 has not occurred.
RSTF — USB Reset Flag
This read only bit is set when a valid reset signal state is detected on the D+
and D– lines. This reset detection will also generate an internal reset signal to
reset the CPU and other peripherals including the USB module. This bit is
cleared by writing a logic 1 to the RSTFR bit in the UCR2 register. This bit is
cleared by a POR reset.
SUSPND — USB Suspend Flag
To save power, this read/write bit should be set by the software if a 3ms con-
stant idle state is detected on USB bus. Setting this bit stops the clock to the
USB and causes the USB module to enter Suspend mode. Unnecessary ana-
log circuitry will be powered down. Software must clear this bit after the
Resume flag (RESUMF) is set while this Resume interrupt flag is serviced.
TXD0IE — Endpoint 0 Transmit Interrupt Enable
This read/write bit enables the Transmit Endpoint 0 to generate a USB interrupt
when the TXD0F bit becomes set.
1 =
USB interrupts enabled for Transmit Endpoint 0.
0 =
USB interrupts disabled for Transmit Endpoint 0.
RXD0IE — Endpoint 0 Receive Interrupt Enable
This read/write bit enables the Transmit Endpoint 0 to generate a USB interrupt
when the RXD0F bit becomes set.
1 =
USB interrupts enabled for Receive Endpoint 0.
0 =
USB interrupts disabled for Receive Endpoint 0.
TXD0FR — Endpoint 0 Transmit Flag Reset
Writing a logic 1 to this write only bit will clear the TXD0F bit if it is set.Writing a
logic 0 to TXD0FR has no effect. Reset clears this bit.
RXD0FR — Endpoint 0 Receive Flag Reset
Writing a logic 1 to this write only bit will clear the RXD0F bit if it is set.Writing a
logic 0 to RXD0FR has no effect. Reset clears this bit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com