| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705JB3 bảng dữ liệu(PDF) 96 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705JB3 bảng dữ liệu(HTML) 96 Page - Freescale Semiconductor, Inc |
|
96 / 134 page ![]() GENERAL RELEASE SPECIFICATION November 5, 1998 MOTOROLA UNIVERSAL SERIAL BUS MODULE MC68HC05JB3 10-28 REV 1 10.6.3 End of Packet Interrupt The USB module can generate a USB interrupt upon detection of an end of packet signal (a single ended 0) for low speed devices. Upon detection of an SE0 sequence, the USB module sets the EOPF bit and will generate an interrupt if the EOPIE bit in the UIR1 register is set. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |