công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC705JB3 bảng dữ liệu(PDF) 50 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC705JB3
Giải thích chi tiết về linh kiện  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 bảng dữ liệu(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
INPUT/OUTPUT PORTS
MC68HC05JB3
7-4
REV 1
SLOWE — Slow Transition Enable
See Section 7.2.4 for details.
1 =
Enable slow falling-edge output transition feature on PB1 and PB2.
0 =
Disable slow falling-edge output transition feature on PB1 and PB2.
7.2.3 Port-B Pull-down/up Register
With the pull-up/down mask option selected, PB0 and PB4-PB7 each has an inter-
nal pull-down resistor, while PB1 and PB2 each has an internal pull-up resistor,
which can be enabled by writing a ‘0’ to the corresponding bit in the Port-B
pull-down/up control register (PDURB) at location $0011.
PDRBx — PBx Pin Pull-down enable
1 =
Internal pull-down disabled.
0 =
Internal pull-down enabled.
PURBx — PBx Pin Pull-up enable
1 =
Internal pull-up disabled.
0 =
Internal pull-up enabled.
7.2.4 PB1, PB2 Slow Transition Output
The slow transition output feature is enabled by setting the SLOWE bit in DDRB at
$0005.
PB2 — a high-to-low output transition is a sharp falling edge transition delayed by
tCYC ÷ 2.
PB1 — a high-to-low output transition is a slow falling edge (drops from 5.0V to
2.2V in 167ns typically at fOP=3MHz, with 50pF load) followed by a fast transition
to VSS. The fast transition duration is depending on the strength of the output
driver defined for each port. See Figure 7-1.
Both PB1 and PB2 have 25mA current sink capability.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PDURB
R
$0011
W
PDRB7
PDRB6
PDRB5
PDRB4
PURB2
PURB1
PDRB0
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com