| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705JB3 bảng dữ liệu(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705JB3 bảng dữ liệu(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 134 page ![]() GENERAL RELEASE SPECIFICATION November 5, 1998 MOTOROLA CENTRAL PROCESSING UNIT MC68HC05JB3 3-4 REV 1 3.6.5 Carry/Borrow Bit (C-Bit) The carry/borrow bit is set when a carry out of bit 7 of the accumulator occurred during the last arithmetic operation, logical operation, or data manipulation. The carry/borrow bit is also set or cleared during bit test and branch instructions and during shifts and rotates. This bit is neither set by an INC nor by a DEC instruction. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |