| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1963QL9R bảng dữ liệu(PDF) 37 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R bảng dữ liệu(HTML) 37 Page - List of Unclassifed Manufacturers |
|
37 / 93 page ![]() SSD1963 Rev 1.1 P 37/93 Jan 2010 Solomon Systech Figure 9-11: A[7] Page Address Order A[7]=0, A[6]=A[5]=0,A[3]=x A[7]=1, A[6]=A[5]=0,A[3]=x Host Frame Buffer Host Frame Buffer SP SP SP EP EP EP EP SP SC EC SC EC SC EC SC EC A[6] : Column address order (POR = 0) This bit controls the order that columns of data are transferred from the host processor to the SSD1963’s frame buffer. 0 Left to right, columns transferred from SC (Start Column) to EC (End Column). 1 Right to left, columns transferred from EC (End Column) to SC (Start Column). Figure 9-12: A[6] Column Address Order A[6]=0, A[7]=A[5]=0,A[3]=x A[6]=1, A[7]=A[5]=0,A[3]=x Host Frame Buffer Host Frame Buffer SP SP SP SP EP EP EP EP SC EC SC EC SC EC EC SC A[5] : Page / Column order (POR = 0) This bit controls the order that columns of data are transferred from the host processor to the SSD1963’s frame buffer. 0 Normal mode 1 Reverse mode Figure 9-13: A[5] Page / Column Address Order A[5]=0, A[7]=A[6]=0,A[3]=x A[5]=1, A[7]=A[6]=0,A[3]=x Host Frame Buffer Host Frame Buffer SP SP SP SC EP EP EP EC SC EC SC EC SC EC SP EP |