| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1963QL9R bảng dữ liệu(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R bảng dữ liệu(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 93 page ![]() SSD1963 Rev 1.1 P 17/93 Jan 2010 Solomon Systech Table 7-1: Pixel Data Format Interface Cycle D[23] D[22] D[21] D[20] D[19] D[18] D[17] D[16] D[15] D[14] D[13] D[12] D[11] D[10] D[9] D[8] D[7] D[6] D[5] D[4] D[3] D[2] D[1] D[0] 24 bits 1 st R7 R6 R5 R4 R3 R2 R1 R0 G7 G6 G5 G4 G3 G2 G1 G0 B7 B6 B5 B4 B3 B2 B1 B0 18 bits 1 st R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0 16 bits (565 format) 1 st R5 R4 R3 R2 R1 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 1 st R7 R6 R5 R4 R3 R2 R1 R0 G7 G6 G5 G4 G3 G2 G1 G0 2 nd B7 B6 B5 B4 B3 B2 B1 B0 R7 R6 R5 R4 R3 R2 R1 R0 3 rd G7 G6 G5 G4 G3 G2 G1 G0 B7 B6 B5 B4 B3 B2 B1 B0 1 st R7 R6 R5 R4 R3 R2 R1 R0 G7 G6 G5 G4 2 nd G3 G2 G1 G0 B7 B6 B5 B4 B3 B2 B1 B0 1 st R5 R4 R3 R2 R1 R0 G5 G4 G3 2 nd G2 G1 G0 B5 B4 B3 B2 B1 B0 1 st R7 R6 R5 R4 R3 R2 R1 R0 2 nd G7 G6 G5 G4 G3 G2 G1 G0 3 rd B7 B6 B5 B4 B3 B2 B1 B0 16 bits 8 bits 9 bits 12 bits 7.1.5 Tearing Effect Signal (TE) The Tearing Effect Signal (TE) is a feedback signal from the LCD Controller to MCU. This signal reveals the display status of LCD controller. In the non-display period, the TE signal will go high. Therefore, this signal enables the MCU to send data by observing the non-display period to avoid tearing. Figure 7-1 shows how the TE signal helps to avoid tearing. If the MCU writing speed is slower than the display speed, the display data should be updated after the LCD controller start to scan the frame buffer. Then the LCD controller will always display the old memory content until the next frame. However, if the MCU is faster than the LCD controller, it should start updating the display content in the vertical non-display period (VNDP) to enable the LCD controller will always get the newly updated data. |