công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7183ABST bảng dữ liệu(PDF) 98 Page - Analog Devices

tên linh kiện ADV7183ABST
Giải thích chi tiết về linh kiện  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST bảng dữ liệu(HTML) 98 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 94Page - Analog Devices ADV7183ABST Datasheet HTML 95Page - Analog Devices ADV7183ABST Datasheet HTML 96Page - Analog Devices ADV7183ABST Datasheet HTML 97Page - Analog Devices ADV7183ABST Datasheet HTML 98Page - Analog Devices ADV7183ABST Datasheet HTML 99Page - Analog Devices ADV7183ABST Datasheet HTML 100Page - Analog Devices ADV7183ABST Datasheet HTML 101Page - Analog Devices ADV7183ABST Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
ADV7183A
Rev. A | Page 98 of 104
Mode 2 S-Video Input (Y on AIN1 and C on AIN4)
All standards are supported through autodetect, 8-bit, ITU-R BT.656 output on P15–P8.
Table 209. Mode 2 S-Video Input
Register Address
Register Value
Notes
0x00
0x06
Y1 = AIN1, C1 = AIN4.
0x01
0x88
Turn off HSYNC processor (SECAM only).
0x2B
0xE2
AGC tweak.
0x3A
0x12
Power down ADC 2.
0x51
0x24
Turn off FSC detect for IN LOCK status.
0xD2
0x01
AGC tweak.
0xD3
0x01
AGC tweak.
0xDB
0x9B
AGC tweak.
0x0E
0x85
ADI recommended programming sequence. This sequence must be followed exactly when
setting up the decoder.
0xB5
0x8B
Recommended setting.
0xD4
0xFB
Recommended setting.
0xD6
0x6D
Recommended setting.
0xE2
0xAF
Recommended setting.
0xE3
0x00
Recommended setting.
0xE4
0xB5
Recommended setting.
0xE8
0xF3
Recommended setting.
0x0E
0x05
Recommended setting.
Mode 3 525i/625i YPrPb Input (Y on AIN2, Pr on AIN3, and Pb on AIN6)
All standards are supported through autodetect, 8-bit, ITU-R BT.656 output on P15–P8.
Table 210. Mode 3 YPrPb Input 525i/625i
Register Address
Register Value
Notes
0x00
0x0A
Y2 = AIN2, Pr2 = AIN3, Pb2 = AIN6.
0x01
0x88
Disable HSync PLL.
0x2B
0xE2
AGC tweak.
0x3A
0x10
Set latch clock.
0x51
0x24
Turn off FSC detect for IN LOCK status.
0xD2
0x01
AGC tweak.
0xD3
0x01
AGC tweak.
0xDB
0x9B
AGC tweak.
0x0E
0x85
ADI recommended programming sequence. This sequence must be followed exactly when setting
up the decoder.
0xD6
0x6D
Recommended setting.
0xE8
0xF3
Recommended setting.
0x0E
0x05
Recommended setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com