công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7183ABST bảng dữ liệu(PDF) 83 Page - Analog Devices

tên linh kiện ADV7183ABST
Giải thích chi tiết về linh kiện  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST bảng dữ liệu(HTML) 83 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 79Page - Analog Devices ADV7183ABST Datasheet HTML 80Page - Analog Devices ADV7183ABST Datasheet HTML 81Page - Analog Devices ADV7183ABST Datasheet HTML 82Page - Analog Devices ADV7183ABST Datasheet HTML 83Page - Analog Devices ADV7183ABST Datasheet HTML 84Page - Analog Devices ADV7183ABST Datasheet HTML 85Page - Analog Devices ADV7183ABST Datasheet HTML 86Page - Analog Devices ADV7183ABST Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
ADV7183A
Rev. A | Page 83 of 104
Table 190. Register 0x31
Bit
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
Comments
Notes
0x31
Reserved
0
1
0
Set to default
0
Start of line relative to HSE
HSE = Hsync end
HVSTIM. Selects where
within a line of video the VS
signal is asserted.
1
Start of line relative to HSB
HSB = Hsync begin
0
EAV/SAV codes generated
to suit ADI encoders
NEWAVMODE. Sets the
EAV/SAV mode.
1
Manual VS/Field position
controlled by registers
0x32, 0x33, and 0xE5–0xEA
VS and
FIELD
Control 1
Reserved
0
0
0
Set to default
Table 191. Register 0x32 to 0x33
Bit
Subaddress
Register
Bit
Description
7
6
5
4
3
2
1
0
Comments
Notes
0x32
Reserved
0
0
0
0
0
1
Set to default
VSBHE
0
VS goes high in the middle of
the line (even field)
1
VS changes state at the start of
the line (even field)
VSBHO
0
VS goes high in the middle of
the line (odd field)
VSync Field
Control 2
1
VS changes state at the start of
the line (odd field)
0x33
Reserved
0
0
0
1
0
0
Set to default
NEWAVMODE bit must
be set high
VSEHE
0
VS goes low in the middle of the
line (even field)
1
VS changes state at the start of
the line (even field)
VSEHO
0
VS goes low in the middle of the
line (odd field)
VSync Field
Control 3
1
VS changes state at the start of
the line odd field
NEWAVMODE bit must
be set high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More