công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7183ABST bảng dữ liệu(PDF) 89 Page - Analog Devices

tên linh kiện ADV7183ABST
Giải thích chi tiết về linh kiện  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST bảng dữ liệu(HTML) 89 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 85Page - Analog Devices ADV7183ABST Datasheet HTML 86Page - Analog Devices ADV7183ABST Datasheet HTML 87Page - Analog Devices ADV7183ABST Datasheet HTML 88Page - Analog Devices ADV7183ABST Datasheet HTML 89Page - Analog Devices ADV7183ABST Datasheet HTML 90Page - Analog Devices ADV7183ABST Datasheet HTML 91Page - Analog Devices ADV7183ABST Datasheet HTML 92Page - Analog Devices ADV7183ABST Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
ADV7183A
Rev. A | Page 89 of 104
Table 199. Register 0x51
Bit
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
Comments
Notes
0
0
0
1 line of video
0
0
1
2 lines of video
0
1
0
5 lines of video
0
1
1
10 lines of video
1
0
0
100 lines of video
1
0
1
500 lines of video
1
1
0
1000 lines of video
CIL[2:0]. Count-into-lock
determines the number of lines
the system must remain in lock
before showing a locked status.
1
1
1
100000 lines of video
0
0
0
1 line of video
0
0
1
2 lines of video
0
1
0
5 lines of video
0
1
1
10 lines of video
1
0
0
100 lines of video
1
0
1
500 lines of video
1
1
0
1000 lines of video
COL[2:0]. Count-out-of-lock
determines the number of lines
the system must remain out-of-
lock before showing a lost-
locked status.
1
1
1
100000 lines of video
0
Over field with vertical
info
SRLS. Select raw lock signal.
Selects the determination of
the lock. Status.
1
Line-to-line evaluation
Operational only for
SDP modes.
FSCLE must be set to
0 in YPrPb mode if a
reliable LOST_LOCK
bit is set to 0.
0
Lock status set only by
horizontal lock
0x51
Lock
Count
FSCLE. Fsc Lock Enable.
1
Lock status set by
horizontal lock and
subcarrier lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com