| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7183ABST bảng dữ liệu(PDF) 67 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7183ABST bảng dữ liệu(HTML) 67 Page - Analog Devices |
|
67 / 104 page ![]() ADV7183A Rev. A | Page 67 of 104 Table 172. Control Port Register Map Bit Details Register Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Input Control VID_SEL.3 VID_SEL.2 VID_SEL.1 VID_SEL.0 INSEL.3 INSEL.2 INSEL.1 INSEL.0 Video Selection ENHSPLL BETACAM ENVSPROC Video Selection 2 YPM.2 YPM.1 YPM.0 Output Control VBI_EN TOD OF_SEL.3 OF_SEL.2 OF_SEL.1 OF_SEL.0 SD_DUP_AV Extended Output Control BT656-4 DR_STR.1 DR_STR.0 TIM_OE BL_C_VBI EN_SFL_PI RANGE Reserved Reserved Autodetect Enable AD_SEC525_EN AD_SECAM_EN AD_N443_EN AD_P60_EN AD_PALN_EN AD_PALM_EN AD_NTSC_EN AD_PAL_EN Contrast CON.7 CON.6 CON.5 CON.4 CON.3 CON.2 CON.1 CON.0 Reserved Brightness BRI.7 BRI.6 BRI.5 BRI.4 BRI.3 BRI.2 BRI.1 BRI.0 Hue HUE.7 HUE.6 HUE.5 HUE.4 HUE.3 HUE.2 HUE.1 HUE.0 Default Value Y DEF_Y.5 DEF_Y.4 DEF_Y.3 DEF_Y.2 DEF_Y.1 DEF_Y.0 DEF_VAL_AUTO_EN DEF_VAL_EN Default Value C DEF_C.7 DEF_C.6 DEF_C.5 DEF_C.4 DEF_C.3 DEF_C.2 DEF_C.1 DEF_C.0 ADI Control TRI_LLC DR_STR_C.1 DR_STR_C.0 DR_STR_S.1 DR_STR_S.0 Power Management PWRDN PDBP Status 1 COL_KILL AD_RESULT.2 AD_RESULT.1 AD_RESULT.0 FOLLOW_PW FSC_LOCK LOST_LOCK IN_LOCK Ident IDENT.7 IDENT.6 IDENT.5 IDENT.4 IDENT.3 IDENT.2 IDENT.1 IDENT.0 Status 2 FSC NSTD LL NSTD MV AGC DET MV PS DET MVCS T3 MVCS DET Status 3 PAL SW LOCK INTERLACE STD FLD LEN FREE_RUN_ACT INST_HLOCK Analog Clamp Control CCLEN Digital Clamp Control 1 DCT.1 DCT.0 Reserved Shaping Filter Control CSFM.2 CSFM.1 CSFM.0 YSFM.4 YSFM.3 YSFM.2 YSFM.1 YSFM.0 Shaping Filter Control 2 WYSFMOVR WYSFM.4 WYSFM.3 WYSFM.2 WYSFM.1 WYSFM.0 Comb Filter Control NSFSEL.1 NSFSEL.0 PSFSEL.1 PSFSEL.0 Reserved Pixel Delay Control SWPC AUTO_PDC_EN CTA.2 CTA.1 CTA.0 LTA.1 LTA.0 Reserved Misc Gain Control CKE PW_UPD AGC Mode Control LAGC.2 LAGC.1 LAGC.0 CAGC.1 CAGC.0 Chroma Gain Control 1 CAGT.1 CAGT.0 CMG.11 CMG.10 CMG.9 CMG.8 Chroma Gain Control 2 CMG.7 CMG.6 CMG.5 CMG.4 CMG.3 CMG.2 CMG.1 CMG.0 Luma Gain Control 1 LAGT.1 LGAT.0 LMG.11 LMG.10 LMG.9 LMG.8 Luma Gain Control 2 LMG.7 LMG.6 LMG.5 LMG.4 LMG.3 LMG.2 LMG.1 LMG.0 VSync Field Control 1 NEWAVMODE HVSTIM VSync Field Control 2 VSBHO VSBHE VSync Field Control 3 VSEHO VSEHE HSync Position Control 1 HSB.10 HSB.9 HSB.8 HSE.10 HSE.9 HSE.8 HSync Position Control 2 HSB.7 HSB.6 HSB.5 HSB.4 HSB.3 HSB.2 HSB.1 HSB.0 HSync Position Control 3 HSE.7 HSE.6 HSE.5 HSE.4 HSE.3 HSE.2 HSE.1 HSE.0 Polarity PHS PVS PF PCLK NTSC Comb Control CTAPSN.1 CTAPSN.0 CCMN.2 CCMN.1 CCMN.0 YCMN.2 YCMN.1 YCMN.0 PAL Comb Control CTAPSP.1 CTAPSP.0 CCMP.2 CCMP.1 CCMP.0 YCMP.2 YCMP.1 YCMP.0 ADC Control PWRDN_AD C_0 PWRDN_AD C_1 PWRDN_ADC_2 Reserved Manual Window Control CKILLTHR.2 CKILLTHR.1 CKILLTHR.0 Reserved |