| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7183ABST bảng dữ liệu(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7183ABST bảng dữ liệu(HTML) 65 Page - Analog Devices |
|
65 / 104 page ![]() ADV7183A Rev. A | Page 65 of 104 REGISTER ACCESSES The MPU can write to or read from all of the ADV7183A’s registers, except the Subaddress register, which is write-only. The Subaddress register determines which register the next read or write operation accesses. All communications with the part through the bus start with an access to the Subaddress register. Then, a read/write operation is performed from/to the target address, which then increments to the next address until a Stop command on the bus is performed. REGISTER PROGRAMMING The following section describe each register in terms of its configuration. The Communications register is an 8-bit, write- only register. After the part has been accessed over the bus and a read/write operation is selected, the subaddress is set up. The Subaddress register determines to/from which register the operation takes place. Table 172 lists the various operations under the control of the Subaddress register for the control port. Table 173 lists the various readback registers under the control of the Subaddress register for the VBI port. Register Select (SR7-SR0) These bits are set up to point to the required starting address. I2C SEQUENCER An I2C sequencer is employed in cases where a parameter exceeds eight bits, and is therefore distributed over two or more I2C registers (e.g., HSB [11:0]). When such a parameter is changed using two or more I2C write operations, the parameter may hold an invalid value for the time between the first I2C finishing and the last I2C being completed. In other words, the top bits of the parameter may already hold the new value while the remaining bits of the parameter still hold the previous value. To avoid this problem, the I2C sequencer holds the already updated bits of the parameter in local memory; all bits of the parameter are updated together once the last register write operation has completed. The correct operation of the I2C sequencer relies on the following: • All I2C registers for the parameter in question must be written to in order of ascending addresses. (e.g., for HSB[10:0], write to Address 0x34 first, followed by 0x35). • No other I2C taking place between the two (or more) I2C writes for the sequence (e.g., for HSB[10:0], write to Address 0x34 first, immediately followed by 0x35). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |