công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7183ABST bảng dữ liệu(PDF) 75 Page - Analog Devices

tên linh kiện ADV7183ABST
Giải thích chi tiết về linh kiện  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST bảng dữ liệu(HTML) 75 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 71Page - Analog Devices ADV7183ABST Datasheet HTML 72Page - Analog Devices ADV7183ABST Datasheet HTML 73Page - Analog Devices ADV7183ABST Datasheet HTML 74Page - Analog Devices ADV7183ABST Datasheet HTML 75Page - Analog Devices ADV7183ABST Datasheet HTML 76Page - Analog Devices ADV7183ABST Datasheet HTML 77Page - Analog Devices ADV7183ABST Datasheet HTML 78Page - Analog Devices ADV7183ABST Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
ADV7183A
Rev. A | Page 75 of 104
Table 180. Register 0x09 to 0x0E
Bit
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Comments
0x09
Reserved
(Saturation)
Reserved
1
0
0
0
0
0
0
0
0x0A
Brightness
Register
BRI[7:0]. This register controls
the brightness of the video
signal.
0
0
0
0
0
0
0
0
0x00 = 0IRE;
0x7F = 100IRE;
0xFF = –100IRE
0x0B
Hue Register
HUE[7:0]. This register
contains the value for the color
hue adjustment.
0
0
0
0
0
0
0
0
Hue range =
–90° to +90°
0x0C
Default Value Y
0
Free Run mode
dependent on
DEF_VAL_AUTO_EN
DEF_VAL_EN. Default value
enable.
1
Force SDP Free Run
mode on and output
blue screen
0
Disable SDP Free Run
mode
DEF_VAL_AUTO_EN. Default
value.
1
Enable Automatic Free
Run mode (blue
screen)
When lock is lost,
Free Run mode
can be enabled
to output stable
timing, clock,
and a set color.
DEF_Y[5:0]. Default value Y.
This register holds the Y
default value.
0
0
1
1
0
1
Y[7:0] = {DEF_Y[5:0],
0, 0, 0, 0}
Default Y value
output in free-
run mode.
0x0D
Default Value C
Cr[7:0] = {DEF_C[7:4],
0, 0, 0, 0, 0, 0}
Cb[7:0] = {DEF_C[3:0],
0, 0, 0, 0, 0, 0}
DEF_C[7:0]. Default value C. Cr
and Cb default values are
defined in this register.
0
1
1
1
1
1
0
0
Default Cb/Cr
value output in
Free Run mode.
Default values
give blue screen
output.
0x0E
ADI Control
0
0
Low drive strength
(1×)
0
1
Medium-low (2×)
1
0
Medium-high (3×)
DR_STR_S[1:0]. Select the
drive strength of the sync
signals. HS, VS, and F can be
increased or decreased for
EMC or crosstalk reasons.
1
1
High drive strength
(4×)
0
0
Low drive strength
(1×)
0
1
Medium-low (2×)
1
0
Medium-high (3×)
DR_STR_C[1:0]. Select the
strength of the clock signal
output driver. Can be
increased or decreased for
EMC or crosstalk reasons.
1
1
High drive strength
(4×)
Reserved
0
0
Set as default
0
LLC pin active
TRI_LLC. Enables the LLC pin
to be three-stated.
1
LLC pin drivers three-
stated
See TOD
(
Table 177);
TIM_OE
(
Table 178).
Reserved
0
Set as default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com