| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 512 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 512 Page - Freescale Semiconductor, Inc |
|
512 / 662 page ![]() Application: Date: Programmer: Sheet C 5685X Digital Signal Controller User Manual, Rev. 4 B-10 Freescale Semiconductor 1 of 4 EMI Chip Select Register Base Address and Block Size (CSBAR ) CS Register Base Address/Block Size (CSBAR0-CSBAR3) $1FFE40 + $0-$3 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read ADDR 23 ADDR 22 ADDR 21 ADDR 20 ADDR 19 ADDR 18 ADDR 17 ADDR 16 ADDR 15 ADDR 14 ADDR 13 ADDR 12 BLKSZ Write Reset 0000000 00000 0011 Bits Name Description 15 ADDR23 Determines the memory map start address where the chip select is active. 14 ADDR22 13 ADDR21 12 ADDR20 11 ADDR19 10 ADDR18 9 ADDR17 8 ADDR16 7 ADDR15 6 ADDR14 5 ADDR13 4 ADDR12 3 - 0 BLKSZ Determines which bits in the base address field are compared to corresponding bits on the address bus during an access. |