| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB-2-RTMI bảng dữ liệu(PDF) 13 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
|
|||||||||||||||||||||||||||||
USB-2-RTMI bảng dữ liệu(HTML) 13 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
13 / 157 page ![]() TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11 13 / 157 3.5.9 Orientations, Models of Motors, and Coordinate Transformations The orientation of magnetic axes (U, V, W for FOC3 resp. X, Y for FOC2) is essential for the FOC together with the relative orientation of the rotor. Here, the rotor is modeled by a bar magnet with one pole pair (n_pole_pairs = 1) with magnetic axis in north-south direction. The actual magnetic axis of the stator - formed by the motor coils - is determined by measurement of the coil currents. The actual magnetic axis of the rotor is determined by incremental encoder or by Hall sensors. Incremental encoders need an initialization of orientation, where Hall sensors give an absolute orientation, but with low resolution. A combination of Hall sensor and incremental encoder is useful for start-up initialization. Figure 3: Orientations UVW (FOC3) and XY (FOC2) Figure 4: Compass Motor Model w/ 3 Phases UVW (FOC3) and Compass Motor Model w/ 2 Phases (FOC2) ©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany Terms of delivery and rights to technical change reserved. Download newest version at www.trinamic.com |